Part Number Hot Search : 
GR560 P6KE15 2N5414 C2625 RH1JGR 76152E3 TDA205 355506
Product Description
Full Text Search
 

To Download CMOSH-3LEADFREE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmosh-3 surface mount silicon schottky diode description: the central semiconductor cmosh-3 type is a silicon schottky diode, epoxy molded in an ultramini ? surface mount package, designed for fast switching applications requiring a low forward voltage drop. marking code: 53 maximum ratings: (t a =25c) symbol units peak repetitive reverse voltage v rrm 30 v continuous forward current i f 100 ma peak repetitive forward current i frm 350 ma peak forward surge current, tp=10ms i fsm 750 ma power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i r v r =25v 90 500 na i r v r =25v, t a =100c 25 100 a bv r i r =100a 30 v v f i f =2.0ma 0.29 0.33 v v f i f =15ma 0.40 0.45 v v f i f =100ma 0.74 1.00 v c t v r =1.0v, f=1.0mhz 7.0 pf t rr i f =i r =10ma, i rr =1.0ma, r l =100 5.0 ns sod-523 case r5 (11-april 2011) www.centralsemi.com
cmosh-3 surface mount silicon schottky diode sod-523 case - mechanical outline lead code: 1) cathode 2) anode marking code: 53 www.centralsemi.com r5 (11-april 2011)


▲Up To Search▲   

 
Price & Availability of CMOSH-3LEADFREE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X